|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
74AUP2T1326 Low-power dual supply buffer/line driver; 3-state Rev. 01 -- 1 July 2009 Product data sheet 1. General description The 74AUP2T1326 is a high-performance, dual supply, low-power, low-voltage, dual buffer/line driver with output enable circuitry. The 74AUP2T1326 is designed for logic-level translation and combines the functions of the 74AUP1G32 and 74AUP2G126. The buffer/line driver is controlled by two output enable inputs (1OE and 2OE). A logic LOW on input 1OE causes the output 2Y to assume a high-impedance OFF-state, a logic LOW on 2OE causes the output 3Y to assume a high-impedance OFF-state. The output 1Y is the result of a logic OR of the two output enable inputs. The output enable inputs (1OE and 2OE) are Schmitt trigger inputs, they switch at different voltages for positive and negative-going signals. The difference between the positive voltage VT+ and the negative voltage VT- is defined as the input hysteresis voltage VH. The output enable inputs accept standard input signals and are capable of transforming slowly changing input signals into sharply defined, jitter-free output signals Both VCC(A) and VCC(B) can be supplied at any voltage between 1.1 V and 3.6 V making the device suitable for interfacing between any of the low voltage nodes (1.2 V, 1.5 V, 1.8 V, 2.5 V and 3.3 V) with compatible input levels. Pins 1OE, 2OE and 1Y are referenced to VCC(A) and pins A, 2Y and 3Y are referenced to VCC(B). The device ensures low static and dynamic power consumption and is fully specified for partial power down applications using IOFF. The IOFF circuitry disables the outputs, preventing any damaging backflow current through the device when it is powered down. 2. Features I Wide supply voltage range: N VCC(A): 1.1 V to 3.6 V; VCC(B): 1.1 V to 3.6 V. I High noise immunity I Complies with JEDEC standards: N JESD8-7 (1.2 V to 1.95 V) N JESD8-5 (1.8 V to 2.7 V) N JESD8-B (2.7 V to 3.6 V) I ESD protection: N HBM JESD22-A114E Class 2A exceeds 2000 V N MM JESD22-A115-A exceeds 200 V N CDM JESD22-C101C exceeds 1000 V I Low static power consumption; ICC = 0.9 A (maximum) I Latch-up performance exceeds 100 mA per JESD 78 Class II NXP Semiconductors 74AUP2T1326 Low-power dual supply buffer/line driver; 3-state I I I I I Inputs accept voltages up to 3.6 V Low noise overshoot and undershoot < 10 % of VCC IOFF circuitry provides partial Power-down mode operation Multiple package options Specified from -40 C to +85 C 3. Ordering information Table 1. Ordering information Package Temperature range Name 74AUP2T1326GF -40 C to +85 C XSON10U Description Version plastic extremely thin small outline package; no leads; SOT1081-1 10 terminals; UTLP based; body 1 x 1.7 x 0.5 mm Type number 4. Marking Table 2. Marking Marking code[1] pf [1] The pin 1 indicator is located on the lower left corner of the device, below the marking code. Type number 74AUP2T1326GF 5. Functional diagram 1OE 6 Rpd 8 1Y 2OE 7 Rpd VCC(A) 9 A 3 2 VCC(B) 2Y 3Y 001aaj301 Rpd = Internal pull-down resistor. Fig 1. Logic symbol 74AUP2T1326_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 01 -- 1 July 2009 2 of 16 NXP Semiconductors 74AUP2T1326 Low-power dual supply buffer/line driver; 3-state 6. Pinning information 6.1 Pinning 74AUP2T1326 VCC(B) 1 10 n.c. 3Y 2 9 2Y A 3 8 1Y VCC(A) 4 7 2OE GND 5 6 001aaj302 1OE Transparent top view Fig 2. Pin configuration SOT1081-1 (XSON10U) 6.2 Pin description Table 3. Symbol VCC(B) 3Y A VCC(A) GND 1OE 2OE 1Y 2Y n.c. Pin description Pin 1 2 3 4 5 6 7 8 9 10 Description supply voltage B data output data input supply voltage A ground (0 V) output enable input (Schmitt trigger input) output enable input (Schmitt trigger input) data output data output not connected 74AUP2T1326_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 01 -- 1 July 2009 3 of 16 NXP Semiconductors 74AUP2T1326 Low-power dual supply buffer/line driver; 3-state 7. Functional description Table 4. Input 1OE L L L H H H H [1] Function table[1] Output 2OE L H H L L H H A X L H L H L H 1Y L H H H H H H 2Y Z Z Z L H L H 3Y Z L H Z Z L H H = HIGH voltage level; L = LOW voltage level; X = don't care; Z = high-impedance OFF-state. 8. Limiting values Table 5. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol VCC(A) VCC(B) IIK VI IOK VO IO ICC IGND Tstg Ptot [1] [2] [3] Parameter supply voltage A supply voltage B input clamping current input voltage output clamping current output voltage output current supply current ground current storage temperature total power dissipation Conditions Min -0.5 -0.5 Max +4.6 +4.6 +4.6 +4.6 20 50 +150 250 Unit V V mA V mA V mA mA mA C mW VI < 0 V [1] -50 -0.5 -50 -0.5 -50 -65 [2] [1] [2] VO < 0 V Active mode and Power-down mode VO = 0 V to VCCO Tamb = -40 C to +85 C [3] - The minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed. VCCO is the supply voltage associated with an output pin. For XSON10U package: above 45 C the value of Ptot derates linearly with 2.4 mW/K. 9. Recommended operating conditions Table 6. Symbol VCC(A) VCC(B) VI VO Recommended operating conditions Parameter supply voltage A supply voltage B input voltage output voltage [1] Conditions Min 1.1 1.1 0 0 Max 3.6 3.6 3.6 VCCO Unit V V V V 74AUP2T1326_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 01 -- 1 July 2009 4 of 16 NXP Semiconductors 74AUP2T1326 Low-power dual supply buffer/line driver; 3-state Table 6. Symbol Tamb t/V Recommended operating conditions ...continued Parameter ambient temperature input transition rise and fall rate input A; VCCI = 1.1 V to 3.6 V input nOE; VCCI = 1.1 V to 3.6 V [2] [2] Conditions Min -40 - Max +85 200 30 Unit C ns/V ms/V [1] [2] VCCO is the supply voltage associated with an output pin. VCCI is the supply voltage associated with an input pin. 10. Static characteristics Table 7. Static characteristics At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter VIH HIGH-level input voltage LOW-level input voltage HIGH-level output voltage Conditions Min input A; VCCI = 1.65 V to 1.95 V VCCI = 2.3 V to 2.7 V input A; VCCI = 1.65 V to 1.95 V VCCI = 2.3 V to 2.7 V VI = VIL or VI or VI = VT+ or VT- IO = -20 A; VCCO = 1.65 V to 2.7 V IO = -3 mA; VCCO = 1.65 V IO = -2.3 mA; VCCO = 2.3 V IO = -4.0 mA; VCCO = 2.3 V VOL LOW-level output voltage VI = VIL or VI or VI = VT+ or VT- IO = 20 A; VCCO = 1.65 V to 2.7 V IO = 3.0 mA; VCCO = 1.65 V IO = 2.3 mA; VCCO = 2.3 V IO = 4.0 mA; VCCO = 2.3 V II input leakage current OFF-state output current power-off leakage current input A; VI = 0 V to 2.7 V; VCCI = 1.65 V to 2.7 V output 2Y, 3Y; VI = VIH or VIL; VO = 0 V to 2.7 V; VCC(A) = 1.65 V to 2.7 V; VCC(B) = 1.65 V to 2.7 V 1Y; VCC(A) = 0 V; VO = 0 V to 2.7 V; VCC(B) = 1.65 V to 2.7 V A, 2Y, 3Y; VCC(B) = 0 V; VI or VO = 0 V to 2.7 V; VCC(A) = 1.65 V to 2.7 V 74AUP2T1326_1 25 C Typ Max 0.35VCCI 0.7 0.10 0.45 0.33 0.40 0.1 [1][3] -40 C to +85 C Min 0.65VCCI 1.6 VCCO - 0.1 1.2 1.97 2.0 Max 0.35VCCI 0.7 0.10 0.45 0.33 0.40 0.5 Unit 0.65VCCI 1.6 [1][3] V V V V V V V V V V V V A VIL [2] VOH VCCO - 0.1 1.2 1.97 2.0 [2] [1] - IOZ - - 0.1 - 0.5 A IOFF - - 0.2 - 0.5 A - - 0.2 - 0.5 A (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 01 -- 1 July 2009 5 of 16 NXP Semiconductors 74AUP2T1326 Low-power dual supply buffer/line driver; 3-state Table 7. Static characteristics ...continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter IOFF additional power-off leakage current Conditions Min 1Y; VCC(A) = 0 V to 0.2 V; VO = 0 V to 2.7 V; VCC(B) = 1.65 V to 2.7 V A, 2Y, 3Y; VCC(B) = 0 V to 0.2 V; VI or VO = 0 V to 2.7 V; VCC(A) = 1.65 V to 2.7 V VI = 0 V or VCC(A); IO = 0 A VCC(A) = 1.65 V to 2.7 V; VCC(B) = 0 V to 2.7 V VI = 0 V or VCC(B); IO = 0 A VCC(A) = VCC(B) = 1.65 V to 2.7 V; VCC(A) = 1.71 V; VCC(B) = 2.6 V ICC additional supply current nOE; VCC(A) = VCC(B) = 2.7 V; VI = VCC(A) - 0.6 V A; VCC(A) = VCC(B) = 2.7 V; VI = VCC(B) - 0.6 V; A; VI = GND to 2.7 V; nOE = GND; VCC(A) = 1.65 V to 2.7 V; VCC(B) = 1.65 V to 2.7 V Rpd CI pull-down resistance input input A; VI = 0 V or VCCI; capacitance VCCI = 1.65 V to 2.7 V input nOE; VI = 0 V or VCCI; VCCI = 1.65 V to 2.7 V CO output 1Y; VO = GND; VCCO = 0 V capacitance 2Y, 3Y enabled; V = GND; O VCCO = 0 V 2Y, 3Y disabled; VCCO = 0 V to 2.7 V; VO = GND or VCCO [1] [2] [3] [4] VCCI is the supply voltage associated with the input pin. VCCO is the supply voltage associated with the output pin. For VCCI values not specified in the data sheet: minimum VIH = 0.7 x VCCI and maximum VIL = 0.3 x VCCI. To show ICC remains very low when the input-disable feature is enabled. [1] [4] [1] [1] 25 C Typ Max 0.2 - -40 C to +85 C Min Max 0.6 Unit A - - 0.2 - 0.6 A ICC(A) supply current A supply current B - - 0.5 - 0.9 A ICC(B) - - 0.5 500 40 80 2 - 0.9 750 50 100 2 A A A A A 145 - 200 0.9 0.8 1.7 1.7 1.5 255 - 140 - 260 - k pF pF pF pF pF [1] [2] [2] [2] 74AUP2T1326_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 01 -- 1 July 2009 6 of 16 NXP Semiconductors 74AUP2T1326 Low-power dual supply buffer/line driver; 3-state 11. Dynamic characteristics Table 8. Dynamic characteristics Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 5. Symbol Parameter CL = 5 pF tpd propagation delay A to 2Y, 3Y; see Figure 3 VCC(B) = 1.65 V to 1.95 V VCC(B) = 2.3 V to 2.7 V nOE to 1Y; see Figure 3 VCC(A) = 1.65 V to 1.95 V VCC(A) = 2.3 V to 2.7 V CL = 10 pF tpd propagation delay A to 2Y, 3Y; see Figure 3 VCC(B) = 1.65 V to 1.95 V VCC(B) = 2.3 V to 2.7 V nOE to 1Y; see Figure 3 VCC(A) = 1.65 V to 1.95 V VCC(A) = 2.3 V to 2.7 V CL = 5 pF; VCC(A) = 1.65 V to 1.95 V ten enable time nOE to 2Y, 3Y; see Figure 4 VCC(B) = 1.65 V to 1.95 V VCC(B) = 2.3 V to 2.7 V tdis disable time nOE to 2Y, 3Y; see Figure 4 VCC(B) = 1.65 V to 1.95 V VCC(B) = 2.3 V to 2.7 V CL = 5 pF; VCC(A) = 2.3 V to 2.7 V ten enable time nOE to 2Y, 3Y; see Figure 4 VCC(B) = 1.65 V to 1.95 V VCC(B) = 2.3 V to 2.7 V tdis disable time nOE to 2Y, 3Y; see Figure 4 VCC(B) = 1.65 V to 1.95 V VCC(B) = 2.3 V to 2.7 V CL = 10 pF; VCC(A) = 1.65 V to 1.95 V ten enable time nOE to 2Y, 3Y; see Figure 4 VCC(B) = 1.65 V to 1.95 V VCC(B) = 2.3 V to 2.7 V tdis disable time nOE to 2Y, 3Y; see Figure 4 VCC(B) = 1.65 V to 1.95 V VCC(B) = 2.3 V to 2.7 V [4] [3] [4] [3] [4] [3] [2] [2] Conditions Min 25 C Typ[1] Max -40 C to +85 C Min Max Unit 1.9 1.5 2.4 2.2 3.2 2.6 4.0 3.2 4.5 3.4 5.4 3.9 1.7 1.3 2.2 2.0 5.0 3.8 6.0 4.3 ns ns ns ns 2.3 1.8 2.9 2.5 3.8 3.2 4.6 3.7 5.3 4.1 6.1 4.6 2.0 1.5 2.5 2.2 5.8 4.5 6.7 5.0 ns ns ns ns 2.4 2.2 2.4 2.2 4.4 3.9 4.5 3.8 9.7 8.2 8.9 7.8 2.1 1.9 2.1 1.9 10.1 8.8 9.4 8.4 ns ns ns ns 2.4 2.2 2.4 2.2 4.0 3.4 4.2 3.5 8.7 7.2 7.9 6.8 2.1 1.9 2.1 1.9 9.0 7.7 8.3 7.3 ns ns ns ns 2.9 2.5 2.9 2.5 4.9 4.4 5.6 4.6 11.0 9.7 10.8 9.5 2.5 2.2 2.5 2.2 11.7 10.5 11.5 10.1 ns ns ns ns 74AUP2T1326_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 01 -- 1 July 2009 7 of 16 NXP Semiconductors 74AUP2T1326 Low-power dual supply buffer/line driver; 3-state Table 8. Dynamic characteristics ...continued Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 5. Symbol Parameter CL = 10 pF; VCC(A) = 2.3 V to 2.7 V ten enable time nOE to 2Y, 3Y; see Figure 4 VCC(B) = 1.65 V to 1.95 V VCC(B) = 2.3 V to 2.7 V tdis disable time nOE to 2Y, 3Y; see Figure 4 VCC(B) = 1.65 V to 1.95 V VCC(B) = 2.3 V to 2.7 V CL = 5 pF and 10 pF CPD power dissipation capacitance per active output; output 2Y, 3Y; fi = 1 MHz; VI = 0 V to VCC VCC(A) = VCC(B) = 1.8 V VCC(A) = VCC(B) = 2.5 V [1] [2] [3] [4] [5] All typical values are measured at nominal VCC(A) and VCC(B). tpd is the same as tPLH and tPHL. ten is the same as tPZH and tPZL. tdis is the same as tPHZ and tPLZ. CPD is used to determine the dynamic power dissipation (PD in W). PD = CPD x VCC2 x fi x N + (CL x VCC2 x fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = load capacitance in pF; VCC = supply voltage in V; N = number of inputs switching; (CL x VCC2 x fo) = sum of the outputs. [5] [4] [3] Conditions Min 25 C Typ[1] Max -40 C to +85 C Min Max Unit 2.9 2.5 2.9 2.5 4.5 3.9 5.3 4.3 10.0 8.7 9.8 8.4 2.5 2.2 2.5 2.2 10.5 9.3 10.3 8.9 ns ns ns ns - 3.0 3.6 - - - pF pF 74AUP2T1326_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 01 -- 1 July 2009 8 of 16 NXP Semiconductors 74AUP2T1326 Low-power dual supply buffer/line driver; 3-state 12. Waveforms VI nOE input GND tPLH VOH 1Y output VOL VM VM tPHL VM VM VI A input GND tPLH VOH 2Y, 3Y output VOL 001aaj303 VM VM tPHL VM VM Measurement points are given in Table 9. VOL and VOH are typical output voltage levels that occur with the output load. Fig 3. Input nOE to output 1Y and A to output 2Y, 3Y propagation delay times VI nOE input GND tPLZ VCCO 2Y, 3Y output LOW-to-OFF OFF-to-LOW VOL tPHZ VOH 2Y, 3Y output HIGH-to-OFF OFF-to-HIGH GND outputs enabled outputs disabled outputs enabled 001aaj304 VM tPZL VM VX tPZH VY VM Measurement points are given in Table 9. VOL and VOH are typical output voltage levels that occur with the output load. VCCO is the supply voltage associated with the output pin. Fig 4. 74AUP2T1326_1 Enable and disable times (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 01 -- 1 July 2009 9 of 16 NXP Semiconductors 74AUP2T1326 Low-power dual supply buffer/line driver; 3-state Table 9. Measurement points Input[1] VM 0.5VCCI Output[2] VM 0.5VCCO VX VOL + 0.15 V VY VOH - 0.15 V Supply voltage VCC(A), VCC(B) 1.65 V to 2.7 V [1] [2] VCCI is the supply voltage associated with the data input port. VCCO is the supply voltage associated with the output port. VCC VEXT 5 k G VI VO DUT RT CL RL 001aac521 Test data is given in Table 10. Definitions for test circuit: RL = Load resistance. CL = Load capacitance including jig and probe capacitance. RT = Termination resistance should be equal to the output impedance Zo of the pulse generator. VEXT = External voltage for measuring switching times. Fig 5. Table 10. Test circuit for measuring switching times Test data Input VI[1] VCCI tr = tf 3.0 ns Load[2] CL 5 pF, 10 pF RL[3] VEXT tPLH, tPHL tPZH, tPHZ GND tPZL, tPLZ[4] 2VCCO 5 k or 1 M open Supply voltage VCC(A), VCC(B) 1.65 V to 2.7 V [1] [2] [3] [4] VCCI is the supply voltage associated with the data input port. For measuring enable and disable times, CL and RL are connected to pin 2Y and 3Y. For measuring enable and disable times RL = 5 k, for measuring propagation delays RL = 1 M. VCCO is the supply voltage associated with the output port. 74AUP2T1326_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 01 -- 1 July 2009 10 of 16 NXP Semiconductors 74AUP2T1326 Low-power dual supply buffer/line driver; 3-state 13. Transfer characteristics Table 11. Transfer characteristics Voltages are referenced to GND (ground = 0 V; for test circuit see Figure 5. Symbol VT+ Parameter positive-going threshold voltage Conditions Min nOE inputs; see Figure 6 and Figure 7 VCC(A) = 1.65 V VCC(A) = 2.3 V VT- negative-going threshold voltage nOE inputs; see Figure 6 and Figure 7 VCC(A) = 1.65 V VCC(A) = 2.3 V VH hysteresis voltage nOE inputs; (VT+ - VT-); see Figure 6, Figure 7 and Figure 8 VCC(A) = 1.65 V VCC(A) = 2.3 V 0.27 0.53 0.66 0.92 0.27 0.53 0.66 0.92 V V 0.47 0.69 0.84 1.04 0.47 0.69 0.84 1.04 V V 0.91 1.37 1.29 1.77 0.91 1.37 1.29 1.77 V V 25 C Typ Max -40 C to +85 C Min Max Unit 14. Waveforms transfer characteristics VO VT+ VI VT- VH VO VH VT- VT+ VI mna207 mna208 VT+ and VT- limits at 70 % and 20 %. Fig 6. Transfer characteristic Fig 7. Definition of VT+, VT- and VH 74AUP2T1326_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 01 -- 1 July 2009 11 of 16 NXP Semiconductors 74AUP2T1326 Low-power dual supply buffer/line driver; 3-state 240 ICC (A) 160 001aad691 80 0 0 0.4 0.8 1.2 1.6 VI (V) 2.0 Fig 8. Typical transfer characteristics; VCC(A) = 1.8 V 74AUP2T1326_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 01 -- 1 July 2009 12 of 16 NXP Semiconductors 74AUP2T1326 Low-power dual supply buffer/line driver; 3-state 15. Package outline XSON10U: plastic extremely thin small outline package; no leads; 10 terminals; UTLP based; body 1 x 1.7 x 0.5 mm SOT1081-1 D B A E A A1 terminal 1 index area detail X e1 L1 1 C b 5 e v w M M CAB C y1 C y L2 e2 L 10 6 0 0.5 scale 1 mm DIMENSIONS (mm are the original dimensions) UNIT mm max nom min A 0.50 0.48 0.46 A1 0.05 0.03 0.00 b 0.20 0.15 0.10 D 1.8 1.7 1.6 E 1.1 1.0 0.9 e 0.35 e1 1.4 e2 0.6 L 0.4 0.3 0.2 L1 0.10 0.05 0.00 L2 0.45 0.35 0.25 v 0.1 w 0.05 y 0.05 y1 0.1 OUTLINE VERSION SOT1081-1 REFERENCES IEC --JEDEC JEITA --- EUROPEAN PROJECTION ISSUE DATE 08-03-28 08-04-18 Fig 9. Package outline SOT1081-1 (XSON10U) (c) NXP B.V. 2009. All rights reserved. 74AUP2T1326_1 Product data sheet Rev. 01 -- 1 July 2009 13 of 16 NXP Semiconductors 74AUP2T1326 Low-power dual supply buffer/line driver; 3-state 16. Abbreviations Table 12. Acronym CDM CMOS DUT ESD HBM MM TTL Abbreviations Description Charged Device Model Complementary Metal-Oxide Semiconductor Device Under Test ElectroStatic Discharge Human Body Model Machine Model Transistor-Transistor Logic 17. Revision history Table 13. Revision history Release date 20090701 Data sheet status Product data sheet Change notice Supersedes Document ID 74AUP2T1326_1 74AUP2T1326_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 01 -- 1 July 2009 14 of 16 NXP Semiconductors 74AUP2T1326 Low-power dual supply buffer/line driver; 3-state 18. Legal information 18.1 Data sheet status Document status[1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet [1] [2] [3] Product status[3] Development Qualification Production Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification. Please consult the most recently issued document before initiating or completing a design. The term `short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com. 18.2 Definitions Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. Export control -- This document as well as the item(s) described herein may be subject to export control regulations. Export might require a prior authorization from national authorities. 18.3 Disclaimers General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental 18.4 Trademarks Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners. 19. Contact information For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com 74AUP2T1326_1 (c) NXP B.V. 2009. All rights reserved. Product data sheet Rev. 01 -- 1 July 2009 15 of 16 NXP Semiconductors 74AUP2T1326 Low-power dual supply buffer/line driver; 3-state 20. Contents 1 2 3 4 5 6 6.1 6.2 7 8 9 10 11 12 13 14 15 16 17 18 18.1 18.2 18.3 18.4 19 20 General description . . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 Pinning information . . . . . . . . . . . . . . . . . . . . . . 3 Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 Functional description . . . . . . . . . . . . . . . . . . . 4 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4 Recommended operating conditions. . . . . . . . 4 Static characteristics. . . . . . . . . . . . . . . . . . . . . 5 Dynamic characteristics . . . . . . . . . . . . . . . . . . 7 Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Transfer characteristics. . . . . . . . . . . . . . . . . . 11 Waveforms transfer characteristics . . . . . . . . 11 Package outline . . . . . . . . . . . . . . . . . . . . . . . . 13 Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 14 Legal information. . . . . . . . . . . . . . . . . . . . . . . 15 Data sheet status . . . . . . . . . . . . . . . . . . . . . . 15 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 Contact information. . . . . . . . . . . . . . . . . . . . . 15 Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'. (c) NXP B.V. 2009. All rights reserved. For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 1 July 2009 Document identifier: 74AUP2T1326_1 |
Price & Availability of 74AUP2T1326GF |